Part Number Hot Search : 
0CNQ0 M13252DH ITS410 46V32M16 FJV4105R DTB543EE W78L54 5C253
Product Description
Full Text Search
 

To Download 350-10-101-00-006000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTERCONNECTS 2,54 Grid (0,46 dia.) Pins, Straight and Right Angle Single Row
Number of Pins X 2,54 2,54 2,54
2,54
Number of Pins X 2,54
Series 301, 310, 350, 399
* Series 3XX are available with straight and right angle solder tails. * Series 350 & 399...009 use MM #3404 and #5011 pins. See pages 179 & 181 for details. * Series 301, 310 & 399...003 use MM #0156, #1001 & #1103 receptacles. See pages 136 & 137 for details. * Receptacles use Hi-Rel, 4 finger #30 BeCu contact rated at 3 amps. See page 218 for details.
0,46 DIA.
3,61
2,79
3,61
0,46 DIA.
2,79
2,54
Fig. 1
Number of Pins X 2,54
* Insulators are high temp. thermoplastic.
2002/95/EC
RoHS
3,99
2,79
Ordering Information
2,54
1,27 0,61 DIA. 0,46 DIA.
Series 350...006
Straight Pin Header 01-64 Right Angle Pin Header 02-64
For RoHS compliance select plating code.
3,2
Fig. 1
350-XX-1_ _-00-006000 Specify # of pins Series 399...009
4,5
2,54
Fig. 2
0,38-0,64 0,25 0,46 Number of Pins X 2,54
Fig. 2
399-XX-1_ _-10-009000 Specify # of pins
2,41
2,79
3,71 4,19
0,51 DIA.
3,18
For Electrical, Mechanical & Enviromental Data, See pg. 4
XX=Plating Code See Below
SPECIFY PLATING CODE XX=
2,54
10
90
40
5,08m Sn
Pin Plating
0,25m Au 5,08m Sn/Pb
Fig. 3
0,38-0,64 0,25 * 0,46
Series 310...001
Number of Pins X 2,54
Straight Socket 01-64 Socket w/ Retention Pegs 01-64 Right Angle Socket 01-64
For RoHS compliance select plating code.
2,54
Fig. 3
310-XX-1_ _-41-001000 Specify # of pins
2,36
2,79
3,71 4,14 7,37
Series 301...056
0,51 DIA. 1,09 1,14 DIA.
3,23
Fig. 4
2,54
301-XX-1_ _-41-560000 Specify # of pins Series 399...003
Fig. 4
41, 91 & 99 Platings Non-Standard
3,66 2,79 2,39
Number of Pins X 2,54
Fig. 5
399-XX-1_ _-10-003000 Specify # of pins
1,27 0,46 DIA.
2,54
For Electrical, Mechanical & Enviromental Data, See pg. 4
XX=Plating Code See Below
3,2
SPECIFY PLATING CODE XX=
5,59 2,54
13
0,76m Au
91
0,25m Au
93
0,76m Au
99
41
43
44
Sleeve (Pin) Contact (Clip)
0,25m Au 5,08m Sn/Pb 5,08m Sn/Pb 5,08m Sn/Pb 5,08m Sn 5,08m Sn 5,08m Sn 5,08m Sn/Pb 0,25m Au 0,76m Au 5,08m Sn
Fig. 5
w w w. m i l l - m a x . c o m
73
516-922-6000


▲Up To Search▲   

 
Price & Availability of 350-10-101-00-006000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X